Part Number Hot Search : 
TS3702CN HCF4073 1N5397 600ETT TFS385 18P1713 OP413FS A1349
Product Description
Full Text Search
 

To Download SSD2007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual N-CHANNEL POWER MOSFET
FEATURES
! Extremely Lower RDS(ON) ! Improved Inductive Ruggedness ! Fast Switching Times ! Rugged Polysilicon Gate Cell Structure ! Low Input Capacitance ! Extended Safe Operating Area ! Improved High Temperature Reliability
G1 ,G2
SSD2007A
8 SOP
S1 G1 S2 G2
1 2 3 4 8 7 6 5
D1 D1 D2 D2
Top View
D1,D2
D1,D2
S1 ,S2
N-Channel MOSFET
Absolute Maximum Ratings
Symbol VDSS VDGR VGS ID ID IDM PD TJ , TSTG TL
Notes ; (1) TJ= 25 to 150 (2) Repetitive Rating : Pulse Width Limited by Max. Junction Temperature
Characteristic Drain-to-Source Voltage(1) Drain-Gate Voltage(RGS=1.0M)(1) Gate-to-Source Voltage Continuous Drain Current TA=25 Continuous Drain Current TA=100 Drain Current-Pulsed (2) Total Power Dissipation TA=25 TA=70 Operating and Storage Junction Temperature Range Maximum Lead Temp. for Soldering Purposes, 1/16" from case for 5 seconds
Value 50 50 20 2.0 1.6 8.0 2.0 1.3 - 55 to +150
300
! Surface Mounding Package : 8SOP
Units V V V A A V W
Rev. A
SSD2007A
Electrical Characteristics (TA=25 unless otherwise specified)
Symbol BVDSS VGS(th) IGSS IDSS IDON RDS(on) gfs td(on) tr td(off) tf Qg Qgs Qgd Characteristic Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Source Leakage , Forward Gate-Source Leakage , Reverse Drain-to-Source Leakage Current On-State Drain-Source Current(2) Static Drain-Source On-State Resistance(2) Forward Transconductance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain ("Miller") Charge --------2.5 -----1.0 2.0 Min. Typ. Max. Units 600 2.0 ----8.0 --------4.0 1.0 -1.0 2 25 -0.3 0.5 -40 70 100 70 15 --nC ns A S V V A A A
Dual N-CHANNEL POWER MOSFET
Test Condition VGS=0V,ID=250A VDS= VGS ,ID=250A VGS=20V VGS=-20V VDS=50V VDS=40V,TJ=55 VGS=10V,VDS=5V VGS=10V,ID=1.5A VGS=5.0V,ID=0.6A VDS 15V,ID=2.0A VDD=30V,ID=0.6A, Z0=6.0,
VDS=25V,VGS=10V, ID=1.3A
Thermal Resistance
Symbol RJA
Notes ; (1) TJ= 25 to 150 (2) Pulse Test : Pulse Width 300s, Duty Cycle 2%
Characteristic Junction-to-Ambient
Typ. --
Max. 62.5
Units /W
Source-Drain Diode Ratings and Characteristics
Symbol IS VSD trr Characteristic Continuous Source Current (Body Diode) Diode Forward Voltage(2) Reverse Recovery Time Min. Typ. Max. Units ----------1.2 100 V ns 1.8 A Test Condition
Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Rectifier
G



D
S
TJ=25,IS=1.25A,VGS=0V TJ=25,IF=2.5A,diF/dt=100A/s
Dual N-CHANNEL POWER MOSFET
Fig 1. Output Characteristics
1 0
V s=1 g 0V V s=5 gV
SSD2007A
Fig 2. Transfer Characteristics
1 0
8
8
ID , Drain Current [A]
ID , Drain Current [A]
6
6 1 0 oC 5 4 2 oC 5 - 5 oC 5 2
4
V s=4 gV
2
V s=3 gV
0 0
2
4
6
8
1 0
0 0
1
2
3
4
5
6
7
VDS , Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Fig 3. On-Resistance vs. Drain Current
10 . 30 2
Fig 4. Capacitance vs. Drain-Source Voltage
RDS(on) , [ ] Drain-Source On-Resistance
08 .
Capacitance [pF]
20 4 C iss 10 6 C oss 8 0 @Nts: oe 1 V =0V . GS 2 f=1Mz . H
06 .
04 . V =5V GS 02 . V =1 V 0 GS 00 . 0
C rss 0
1
2
3
4
5
5
1 0
1 5
2 0
2 5
ID , Drain Current [A]
VDS , Drain-Source Voltage [V]
Fig 5. Breakdown Voltage vs. Temperature
12 .
Fig 6. Nomalized On-Resistance vs. Temperature
14 .
BVDSS , (Normalized) Drain-Source Breakdown Voltage
11 .
RDS(on) , (Normalized) Drain-Source On-Resistance
12 . V =1 V 0 GS I =15A . D
10 .
I = 2 0 A 5 D
10 .
08 .
09 .
06 . 08 . -0 5 0 5 0 10 0 10 5 -0 5 0 5 0 10 0 10 5
TJ , Junction Temperature [oC]
TJ , Junction Temperature [oC]
SSD2007A
1
Dual N-CHANNEL POWER MOSFET
Fig 7. Nomalized Effective Transient Thermal Impedance, Junction-to-Amdient
Thermal Impedance
Duty Cycle=0.5
0.2
PDM
0.1
0.1
t1
0.05 0.02 Single Pulse 0.01 - 5 10 10- 4 10- 3
2 @ Notes : 1. R J A (t)=62.5 o C/W Max. 2. Duty Factor, D=t1 /t2 3. TJ M -TA =PD M *Z J A (t) 4. Surface Mounted
t
10- 2
10- 1
100
Square Wave Pulse Duration
[sec]
Fig 8. Source-Drain Diode Forward Voltage
12 0 1 0
Fig 9. Gate Charge vs. Gate-Source Voltage
IDR , Reverse Drain Current [A]
11 0
VGS , Gate-Source Voltage [V]
5
V =2 V 5 DD I =13 .A D
10 0
T = 5 oC J 10
T = 5 oC J2
00 .
04 .
08 .
12 .
16 .
20 .
24 .
0 0
2
4
6
8
1 0
VSD , Source-Drain Voltage [V]
QG , Total Gate Charge [nC]
Fig 10. Threshold Voltage
20 .
VGS(th) , (Normalized)
15 .
I = 2 0 A 5 D 10 .
05 .
00 . -0 5
0
5 0
10 0
10 5
TJ , Junction Temperature [oC]
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series
DISCLAIMER
FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak
MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series
SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. H5


▲Up To Search▲   

 
Price & Availability of SSD2007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X